Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
 

To Download P4SMAJ120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
P4SMAJ5.0 THRU P4SMAJ170CA
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
DO-214AC (SMAJ)( LEAD FRAME)
A
Features
* * * * *
*
For Surface Mount Applications Unidirectional And Bidirectional Low Inductance High Temp Soldering: 250C for 10 Seconds At Terminals For Bidirectional Devices Add "C" To The Suffix Of The Part Number: i.e. P4SMAJ5.0C or P4SMAJ5.0CA for 5% Tolerance P4SMAJ5.0~P4SMAJ170CA also can be named as SMAJ5.0~SMAJ170CA and have the same electrical spec .
0HFKDQLFDO'DWD
* * * Case: JEDEC DO-214AC Terminals: Solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band except bi-directional types
0D[LPXP5DWLQJ
* * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance: 25:/W Junction to Ambient
C
B
F
H
Peak Pulse Current on 10/1000V
D
:DYHIRUP
IPPM PPPM PM(AV) IFSM
See Table 1 Note 1
E
DIMENSIONS
G
Peak Pulse Power Dissipation Steady State Power Dissipation Peak Forward Surge Current
Min 400 W 1.0 W 40A
Note 1, 5 Note 2, 4 Note:4
DIM A B C D E F G H
INCHES MIN .157 .098 .006 .030 .188 .078 .055 .002
MAX .181 .114 .012 .060 .208 .096 .062 .008
MM MIN 4.00 2.50 0.152 0.76 4.80 2.00 1.40 0.051
MAX 4.60 2.90 0.305 1 ..52 5.28 2.44 1.60 0.203
NOTE
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25: per Fig.2. 2. Mounted on 5.0mm2 copper pads to each terminal. 3. 8.3ms, single half sine wave duty cycle = 4 pulses per Minutes maximum. 4. Lead temperature at TL = 75:. 5. Peak pulse power waveform is 10/1000V.
SUGGESTED SOLDER PAD LAYOUT
0.085 " MA X 5"
0.058 " MI N
5"
0.05 MI N
5" 5"
www.cnelectr.com
P4SMAJ5.0 thru P4SMAJ170CA
100
PPPM , PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25 J
PEAK PULSE POWER(Ppp) OR CURRENT(Ipp) DERATING IN PERCENTAGE %
10ms
75
10
50
1.0 MOUNTED ON 5.0mm 2 COPPER LAND AREAS 0.1 0.1 gs 1.0 gs 10 gs 100 gs 1.0ms
25
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, J
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE RATING CURVE
10,000 TJ = 25 J f = 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS
150 TA = 25 J tf = 10gsec Peak Value Ippm 100 Half Value- Ipp 2 50 10/1000 gsec Waveform as Defined by R.E.A. Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp
40,000 20,000
Ippm, PEAK PULSE CURRENT, %
CJ, CAPACITANCE, pF
1,000 6,000 4,000 2,000 100 500 MEASURED AT STAND-OFF VOLTAGE(VMW)
200 0 0 td 1.0 2.0 3.0 e-kt 4.0 10 1.0 2.0 5.0 10 20 50 100 200
t, TIME , ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
Fig. 3-PULSE WAVEFORM
50
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Ifsm, PEAK FORWARD SURGE CURRENT, AMPERES
40
TJ = T max J 8.3mss SINGLE HALF SINCE-WAVE JEDEC METHOD
30
20
10
0 1 2 4 10 20 40 100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
www.cnelectr.com
P4SMAJ5.0 thru P4SMAJ170CA
ELECTRICAL CHARACTERISTICS @25C
REVERSE STAND-OFF VOLTAGE VWM (VOLTS) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP (VOLTS) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 PEAK PULSE CURRENT IPP (AMPS) 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.2 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 MAXIMUM REVERSE LEAKAGE @VWM ID (A) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MARKING CODE
PART NUMBER
P4SMAJ5.0 P4SMAJ5.0A P4SMAJ6.0 P4SMAJ6.0A P4SMAJ6.5 P4SMAJ6.5A P4SMAJ7.0 P4SMAJ7.0A P4SMAJ7.5 P4SMAJ7.5A P4SMAJ8.0 P4SMAJ8.0A P4SMAJ8.5 P4SMAJ8.5A P4SMAJ9.0 P4SMAJ9.0A P4SMAJ10 P4SMAJ10A P4SMAJ11 P4SMAJ11A P4SMAJ12 P4SMAJ12A P4SMAJ13 P4SMAJ13A P4SMAJ14 P4SMAJ14A P4SMAJ15 P4SMAJ15A P4SMAJ16 P4SMAJ16A P4SMAJ17 P4SMAJ17A P4SMAJ18 P4SMAJ18A P4SMAJ20 P4SMAJ20A
MIN 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2
MAX 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5
IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV
2 HD HE HF HG HH HK HL HM HN HP HQ HR HS HT HU HV HW HX HY HZ ID IE IF IG IH IK IL IM IN IP IQ IR IS IT IU IV
www.cnelectr.com
P4SMAJ5.0 thru P4SMAJ170CA
ELECTRICAL CHARACTERISTICS @25C
REVERSE STAND-OFF VOLTAGE VWM (VOLTS) 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP (VOLTS) 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 PEAK PULSE CURRENT IPP (AMPS) 10.1 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 2.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 MAXIMUM REVERSE LEAKAGE @VWM ID (A) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MARKING CODE
PART NUMBER
P4SMAJ22 P4SMAJ22A P4SMAJ24 P4SMAJ24A P4SMAJ26 P4SMAJ26A P4SMAJ28 P4SMAJ28A P4SMAJ30 P4SMAJ30A P4SMAJ33 P4SMAJ33A P4SMAJ36 P4SMAJ36A P4SMAJ40 P4SMAJ40A P4SMAJ43 P4SMAJ43A P4SMAJ45 P4SMAJ45A P4SMAJ48 P4SMAJ48A P4SMAJ51 P4SMAJ51A P4SMAJ54 P4SMAJ54A P4SMAJ58 P4SMAJ58A P4SMAJ60 P4SMAJ60A P4SMAJ64 P4SMAJ64A P4SMAJ70 P4SMAJ70A P4SMAJ75 P4SMAJ75A P4SMAJ78 P4SMAJ78A P4SMAJ85 P4SMAJ85A P4SMAJ90 P4SMAJ90A P4SMAJ100 P4SMAJ100A P4SMAJ110 P4SMAJ110A P4SMAJ120 P4SMAJ120A P4SMAJ130 P4SMAJ130A P4SMAJ150 P4SMAJ150A P4SMAJ160 P4SMAJ160A P4SMAJ170 P4SMAJ170A
MIN 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
MAX 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 BW BX BY BZ CD CE CF CG CH CK CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ RD RE RF RG RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR
2 IW IX IY IZ JD JE JF JG JH JK JL JM JN JP JQ JR JS JT JU JV JW JX JY JZ
www.cnelectr.com
P4SMAJ5.0 thru P4SMAJ170CA
ELECTRICAL CHARACTERISTICS @25C
REVERSE STAND-OFF VOLTAGE VWM (VOLTS) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP (VOLTS) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 PEAK PULSE CURRENT IPP (AMPS) 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.2 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 MAXIMUM REVERSE LEAKAGE @VWM ID (A) 1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MARKING CODE
PART NUMBER
P4SMAJ5.0C P4SMAJ5.0CA P4SMAJ6.0C P4SMAJ6.0CA P4SMAJ6.5C P4SMAJ6.5CA P4SMAJ7.0C P4SMAJ7.0CA P4SMAJ7.5C P4SMAJ7.5CA P4SMAJ8.0C P4SMAJ8.0CA P4SMAJ8.5C P4SMAJ8.5CA P4SMAJ9.0C P4SMAJ9.0CA P4SMAJ10C P4SMAJ10CA P4SMAJ11C P4SMAJ11CA P4SMAJ12C P4SMAJ12CA P4SMAJ13C P4SMAJ13CA P4SMAJ14C P4SMAJ14CA P4SMAJ15C P4SMAJ15CA P4SMAJ16C P4SMAJ16CA P4SMAJ17C P4SMAJ17CA P4SMAJ18C P4SMAJ18CA P4SMAJ20C P4SMAJ20CA
MIN 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2
MAX 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5
IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 WD WE WF WG WH WK WL WM WN WP WQ WR WS WT WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR XS XT XU XV
2 TD TE TF TG TH TK TL TM TN TP TQ TR TS TT TU TV TW TX TY TZ UD UE UF UG UH UK UL UM UN UP UQ UR US UT UU UV
www.cnelectr.com
P4SMAJ5.0 thru P4SMAJ170CA
ELECTRICAL CHARACTERISTICS @25C
REVERSE STAND-OFF VOLTAGE VWM (VOLTS) 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP (VOLTS) 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 PEAK PULSE CURRENT IPP (AMPS) 10.1 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9 3.2 3.5 3.0 3.3 2.9 2.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 MAXIMUM REVERSE LEAKAGE @VWM ID (A) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MARKING CODE
PART NUMBER
P4SMAJ22C P4SMAJ22CA P4SMAJ24C P4SMAJ24CA P4SMAJ26C P4SMAJ26CA P4SMAJ28C P4SMAJ28CA P4SMAJ30C P4SMAJ30CA P4SMAJ33C P4SMAJ33CA P4SMAJ36C P4SMAJ36CA P4SMAJ40C P4SMAJ40CA P4SMAJ43C P4SMAJ43CA P4SMAJ45C P4SMAJ45CA P4SMAJ48C P4SMAJ48CA P4SMAJ51C P4SMAJ51CA P4SMAJ54C P4SMAJ54CA P4SMAJ58C P4SMAJ58CA P4SMAJ60C P4SMAJ60CA P4SMAJ64C P4SMAJ64CA P4SMAJ70C P4SMAJ70CA P4SMAJ75C P4SMAJ75CA P4SMAJ78C P4SMAJ78CA P4SMAJ85C P4SMAJ85CA P4SMAJ90C P4SMAJ90CA P4SMAJ100C P4SMAJ100CA P4SMAJ110C P4SMAJ110CA P4SMAJ120C P4SMAJ120CA P4SMAJ130C P4SMAJ130CA P4SMAJ150C P4SMAJ150CA P4SMAJ160C P4SMAJ160CA P4SMAJ170C P4SMAJ170CA
MIN 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
MAX 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 XW XX XY XZ YD YE YF YG YH YK YL YM YN YP YQ YR YS YT YU YV YW YX YY YZ ZD ZE ZF ZG ZH ZK ZL ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VD VE VF VG VH VK VL VM VN VP VQ VR
2 UW UX UY UZ VD VE VF VG VH VK VL VM VN VP VQ VR VS VT VU VV VW VX VY VZ WD WE WF WG WH WK WL WM WN WP WQ WR WS WT WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of P4SMAJ120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X